Part Number Hot Search : 
ADVANCED SYSTEM BL151G ADVANCED AMPHENOL AD1584A Z5SMC130 AOD454
Product Description
Full Text Search
 

To Download 2SC3851 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3851 2SC3851A
DESCRIPTION With TO-220F package Complement to type 2SA1488/1488A APPLICATIONS Audio and PPC high voltage power supply ,and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL
VCBO

PARAMETER
Collector-base voltage
VCEO
INC
Collector-emitter voltage
ES ANG H
2SC3851 2SC3851A 2SC3851 2SC3851A
MIC E
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE 80 100 60 80 6 4 1
UNIT
V
V
VEBO IC IB PC Tj Tstg
Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature
V A A W ae ae
TC=25ae
25 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2SC3851 IC=25mA ; IB=0 2SC3851A VCEsat Collector-emitter saturation voltage 2SC3851 2SC3851A IEBO hFE fT COB Emitter cut-off current DC current gain Transition frequency Output capacitance IC=2.0A;IB=0.2A VCB=80V;IE=0 VCB=100V;IE=0 VEB=6V; IC=0 IC=1A ; VCE=4V IC=0.2A ; VCE=12V IE=0 ; VCB=10V;f=1MHz CONDITIONS
2SC3851 2SC3851A
SYMBOL
MIN 60
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 80 0.5 0.1 0.1 0.1 40 15 320 MHz V mA mA mA
ICBO
Collector cut-off current
Switching time ton ts tf
Fall time
Turn-on time Storage time
ANG H
INC
MIC E SE
DUC ON
0.20 1.00 0.30
60
TOR
|I |I |I
pF
s s s
IC=2.0A IB1=-IB2=0.2A VCC=12V ,RL=6|
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3851 2SC3851A

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3851 2SC3851A

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3851

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X